Part Number Hot Search : 
MB90V670 TK11232B N5195 26705VUQ P3010 5N50U SIHF9610 K3481DB
Product Description
Full Text Search
 

To Download NSPB520S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  -0- no. stse-cb2125b specifications for nichia blue led model : NSPB520S nichia corporation
-1- nichia stse-cb2125b 1.specifications (1) absolute maximum ratings (ta=25c) item symbol absolute maximum rating unit forward current i f 30 ma pulse forward current i fp 100 ma reverse voltage v r 5 v power dissipation p d 120 mw operating temperature t opr -30 ~ + 85 c storage temperature t stg -40 ~ +100 c soldering temperature t sld 265c for 10sec. i fp conditions : pulse width 10msec. and duty 1/10 (2) initial electrical/optical characteristics (ta=25c) item symbol condition min. typ. max. unit forward voltage v f i f =20[ma] - 3.6 4.0 v reverse current i r v r = 5[v] - - 50 a rank t iv i f =20[ma] 960 1160 1380 mcd rank s iv i f =20[ma] 690 800 960 mcd luminous intensity rank r iv i f =20[ma] 480 580 690 mcd luminous intensity measurement allowance is 10%. color rank (i f =20ma,ta=25c) rank w x 0.11 0.11 0.15 0.15 y 0.04 0.10 0.10 0.04 color coordinates measurement allowance is 0.01. one delivery will include up to one color rank a nd three luminous intensity ranks of the products. the quantity-ratio of the ranks is decided by nichia. 2.typical initial optical/electrical characteristics please refer to figure?s page. 3.outline dimensions and materials please refer to figure?s page. material as follows ; resin(mold) : epoxy resin leadframe : ag plating copper alloy < = < =
-2- nichia stse-cb2125b 4.packaging the leds are packed in cardboard boxes after packaging in anti-electrostatic bags. please refer to figure?s page. the label on the minimum packing unit shows ; part number, lot number, ranking, quantity in order to protect the leds from mechanical shock, we pack them in cardboard boxes for transportation. the leds may be damaged if the boxes are dropped or receive a strong impact against them, so precautions must be taken to prevent any damage. the boxes are not water resistant and therefore must be kept away from water and moisture. when the leds are transported, we recommend that you use the same packing method as nichia. 5.lot number the first six digits number shows lot number . the lot number is composed of the following characters; - ! - year ( 3 for 2003, 4 for 2004 ) - month ( 1 for jan., 9 for sep., a for oct., b for nov. ) - nichia's product number ! - ranking by color coordinates - ranking by luminous intensity
-3- nichia stse-cb2125b 6.reliability (1) test items and results test item standard test method test conditions note number of damaged resistance to soldering heat jeita ed-4701 300 302 tsld=260 5c, 10sec. 3mm from the base of the epoxy bulb 1 time 0/100 solderability jeita ed-4701 300 303 tsld=235 5c, 5sec. (using flux) 1 time over 95% 0/100 thermal shock jeita ed-4701 300 307 0c ~ 100c 15sec. 15sec. 100 cycles 0/100 temperature cycle jeita ed-4701 100 105 -40c ~ 25c ~ 100c ~ 25c 30min. 5min. 30min. 5min. 100 cycles 0/100 moisture resistance cyclic jeita ed-4701 200 203 25c ~ 65c ~ -10c 90%rh 24hrs./1cycle 10 cycles 0/100 terminal strength (bending test) jeita ed-4701 400 401 load 5n (0.5kgf) 0 ~ 90 ~ 0 bend 2 times no noticeable damage 0/100 terminal strength (pull test) jeita ed-4701 400 401 load 10n (1kgf) 10 1 sec. no noticeable damage 0/100 high temperature storage jeita ed-4701 200 201 ta=100c 1000hrs. 0/100 temperature humidity storage jeita ed-4701 100 103 ta=60c, rh=90% 1000hrs. 0/100 low temperature storage jeita ed-4701 200 202 ta=-40c 1000hrs. 0/100 steady state operating life ta=25c, i f =30ma 1000hrs. 0/100 steady state operating life of high humidity heat 60c, rh=90%, i f =20ma 500hrs. 0/100 steady state operating life of low temperature ta=-30c, i f =20ma 1000hrs. 0/100 (2) criteria for judging the damage criteria for judgement item symbol test conditions min. max. forward voltage v f i f =20ma - u.s.l.*) 1.1 reverse current i r v r =5v - u.s.l.*) 2.0 luminous intensity i v i f =20ma l.s.l.**) 0.7 - *) u.s.l. : upper standard level **) l.s.l. : lower standard level
-4- nichia stse-cb2125b 7.cautions (1) lead forming when forming leads, the leads should be bent at a point at least 3mm from the base of the epoxy bulb. do not use the base of the leadframe as a fulcrum during lead forming. lead forming should be done before soldering. do not apply any bending stress to the base of the lead. the stress to the base may damage the led?s characteristics or it may break the leds. when mounting the leds onto a printed circuit board, the holes on the circuit board should be exactly aligned with the leads of the leds. if the leds are mounted with stress at the leads, it causes deterioration of the epoxy resin and this will degrade the leds. (2) storage the leds should be stored at 30c or less and 70% rh or less after being shipped from nichia and the storage life limits are 3 months. if the leds are stored for 3 months or more, they can be stored for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material. nichia led leadframes are comprised of a silver plated copper alloy. the silver surface may be affected by environments which contain corrosi ve gases and so on. please avoid conditions which may cause the led to corrode, tarnish or discolor. this corrosion or discoloration may cause difficulty during soldering operations. it is recommended that the leds be used as soon as possible. please avoid rapid transitions in ambient temperature, especially, in high humidity environments where condensation can occur. (3) static electricity static electricity or surge voltage damages the leds. it is recommended that a wrist band or an anti-electrostatic glove be used when handling the leds. all devices, equipment and machinery must be properly grounded. it is recommended that measures be taken against surge voltage to the equipment that mounts the leds. when inspecting the final products in which leds were assembled, it is recommended to check whether the assembled leds are damaged by static electricity or not. it is easy to find static-damaged leds by a light-on test or a vf test at a lower current (below 1ma is recommended). damaged leds will show some unusual characteristics such as the leak current remarkably increases, the forward voltage becomes lower, or the leds do not light at the low current. criteria : (v f > 2.0v at i f =0.5ma)
-5- nichia stse-cb2125b (4) soldering conditions nichia led leadframes are comprised of a silver plated copper alloy. this substance has a low thermal coefficient (easily conducts heat). careful attention should be paid during soldering. solder the led no closer than 3mm from the base of the epoxy bulb. soldering beyond the base of the tie bar is recommended. recommended soldering conditions dip soldering soldering pre-heat pre-heat time solder bath temperature dipping time dipping position 120c max. 60 seconds max. 260c max. 10 seconds max. no lower than 3 mm from the base of the epoxy bulb. temperature soldering time position 350c max. 3 seconds max. no closer than 3 mm from the base of the epoxy bulb. do not apply any stress to the lead particularly when heated. the leds must not be repositioned after soldering. after soldering the leds, the epoxy bulb should be protected from mechanical shock or vibration until the leds return to room temperature. direct soldering onto a pc board should be avoided. mechanical stress to the resin may be caused from warping of the pc board or from the clinching and cutting of the leadframes. when it is absolutely necessary, the leds may be mounted in this fashion but the user will assume responsibility for any problems. direct soldering should onl y be done after testing has confirmed that no damage, such as wire bond failure or resin deterioration, will occur. nichia?s leds should not be soldered directly to double sided pc boards because the heat will deteriorate the epoxy resin. when it is necessary to clamp the leds to prevent soldering failure, it is important to minimize the mechanical stress on the leds. cut the led leadframes at room temperature. cutting the leadframes at high temperatures may cause failure of the leds. (5) heat generation thermal design of the end product is of paramount importance. please consider the heat generation of the led when making the system design. the coefficient of temperature increase per input electric power is affected by the thermal re sistance of the circuit board and density of led placement on the board, as well as other components. it is necessary to avoid intense heat generation and operate within the maximum ratings given in this specification. the operating current should be decided after considering the ambient maximum temperature of leds. (6) cleaning it is recommended that isopropyl alcohol be used as a solvent for cleaning the leds. when using other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not. freon solvents should not be used to clean the leds because of worldwide regulations. do not clean the leds by the ultrasonic. when it is absolutely necessary, the influence of ultrasonic cleaning on the leds depends on factors such as ultrasonic power and the assembled condition. before cleaning, a pre-test should be done to confirm whether any damage to the leds will occur.
-6- nichia stse-cb2125b (7) safety guideline for human eyes in 1993, the international electric committee (iec) issued a standard concerning laser product safety (iec 825-1). since then, this standard has been applied for diffused light sources (leds) as well as lasers. in 1998 iec 60825-1 edition 1.1 evaluated the magnitude of the light source. in 2001 iec 60825-1 amendment 2 converted the laser class into 7 classes for end products. components are excluded from this system. pr oducts which contain visible leds are now classified as class 1. products containing uv leds are cla ss 1m. products containing leds can be classified as class 2 in cases where viewing angles are narrow, optical manipulation intensifies the light, and/or the energy emitted is high. for these systems it is recommended to avoid long term exposure. it is also recommended to follow the iec regulations regarding safety and labeling of products. (8) others care must be taken to ensure that the reverse voltage will not exceed the absolute maximum rating when using the leds with matrix drive. flashing lights have been known to cause discomfort in people; you can prevent this by taking precautions during use. also, people should be cautious when using equipment that has had leds incorporated into it. the leds described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment, communications equipment, measurement instruments and household appliances). consult nichia?s sales staff in advance for information on the applications in which exceptional quality and reliability are required, particularly when the failure or malfunction of the leds may directly jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support systems and safety devices). user shall not reverse engineer by disassembling or analysis of the leds without having prior written consent from nichia. when defective leds are found, the user shall inform nichia directly before disassembling or analysis. the formal specifications must be exchanged and signed by both parties before large volume purchase begins. the appearance and specifications of the product may be modified for improvement without notice.
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 480 470 460 490 w 620 550 540 530 520 580 570 560 600 610 590 630 510 500 x y ici chromaticity diagram nichia stse-cb2125b -7- ! col or coordinates measurem ent allowance is 0.01.
allowable forward current i f (ma) relative luminosity (a.u.) relative luminosity (a.u.) forward current i fp (ma) allowable forward current i fp (ma) ambient temperature vs. allowable forward current ambient temperature ta (c ) ambient temperature vs. relative luminosity ambient temperature ta ( c ) ambient temperature vs. forward voltage ambient temperature ta ( c ) forward voltage v f (v) duty ratio (%) forward current vs. relative luminosity forward current i fp (ma) forward voltage v f (v) forward voltage vs. forward current duty ratio vs. allowable forward current 0 204060 100120 80 3.5 3.0 2.5 1.5 1.0 0.5 0 2.0 2.0 1.0 0.5 0.2 200 100 50 20 10 5 1 1 5 10 20 100 50 2.5 3.0 3.5 4.0 4.5 5.0 020 6080100 40 -40 -20 0 20 60 80 100 40 -40 -20 60 80 100 40 020 200 100 50 20 10 30 40 30 20 0 10 5.4 4.6 4.2 3.4 3.0 2.6 3.8 5.0 ta=25c ta=25c ta=25c i fp =5ma i fp =20ma i fp =60ma i fp =20ma -8- n ichia stse-cb2125b typ.characteristics model nspbxxxx nichia corporation title no. 011130109681
dominant wavel ength d (nm) directivity (NSPB520S) radiation angle 0 10 20 30 40 50 60 70 80 90 1 0.5 0 spectrum forward current vs. chromaticity coordinate ( d ) ambient temperature vs. dominant wavelength forward current vs. dominant wavelength y relative emission intensity (a.u.) forward current i fp (ma) ambient temperature ta (c) xx wavelength (nm) relative luminosity (a.u.) 0 30 0.5 90 60 1 dominant wavel ength d (nm) 1ma(473nm) 5ma(472nm) 20ma(470nm) 100ma(467nm) 50ma(468nm) ta=25c ta=25c 0.13 0.11 0.09 0.07 0.05 0.03 0.10 0.12 0.14 0.16 0.18 0.20 1.2 1 0.8 0.4 0.2 0 0.6 350 400 450 500 600 650 550 474 473 472 470 469 466 471 468 467 151020100 50 476 472 470 464 474 468 466 020 6080100 40 -40 -20 ta=25c i f =20ma i fp =20ma ta=25c i f =20ma -9- n ichia stse-cb2125b typ.characteristics model NSPB520S nichia corporation title no. 011130109751
anode cathode 5.6 (2) 6.6 7.6 1 27.8 1 1.5max. (2.5) 5 5.3 ! 0.5 0.05 1.1 11.3 0.5 1 0.3 0.3 stopper item materials resin(mold) epoxy resin lead frame ag plating copper alloy remark : bare copper alloy is exposed at tie-bar portion after cutting. the lamps have sharp and hard points that may injure human eyes or fingers etc., so please pay enough care in the handling. -10- nichia stse-cb2125b 0.2 scal e uni t mm allow nichia corporation n o. outline dimensions 010831105761 title model n spb520s 3/1
anti-electrostatic bag cardboard box 360 135 215 4t cardboard cardboard print label the quantity is printed on this bag. n i c h i a xxxx led type nxpxxxxxx lot xxxxxx- ! qty pcs nichia corporation 491 oka,kaminaka,anan,tokushima,japan caution to electrostatic damage ??? xxxx led type nxpxxxxxx lot xxxxxx- ! qty pcs n ichia nichia corporation 491 oka, kaminaka, anan, tokushima, japan one box contains 8 bags at maximum. nichia stse-cb2125b nichia corporation n o. packing 031029201103 title model nxpxxxxxx -11-
anti-electrostatic bag cardboard box b 360 135 215 4t cardboard cardboard cardboard box a the cardboard box b contains 2 cardboard box a at maximum. print label put this label on the cardboard box b. the quantity is printed on this bag. n i c h i a xxxx led type nxpxxxxxx lot xxxxxx- ! qty pcs nichia corporation 491 oka,kaminaka,anan,tokushima,japan caution to electrostatic damage ??? xxxx led type nxpxxxxxx lot xxxxxx- ! qty pcs n ichia nichia corporation 491 oka, kaminaka, anan, tokushima, japan nichia stse-cb2125b nichia corporation n o. packing 031029201113 title model nxpxxxxxx -12-
cardboard box 425 135 355 4t cardboard cardboard anti-electrostatic bag print label n i c h i a xxxx led type nxpxxxxxx lot xxxxxx- ! qty pcs nichia corporation 491 oka,kaminaka,anan,tokushima,japan caution to electrostatic damage ??? the quantity is printed on this bag. one box contains 20 bags at maximum. xxxx led type nxpxxxxxx lot xxxxxx- ! qty pcs n ichia nichia corporation 491 oka, kaminaka, anan, tokushima, japan nichia stse-cb2125b nichia corporation n o. packing 031029201123 title model nxpxxxxxx -13-
the cardboard box b contains 4 cardboard box a at maximum. anti-electrostatic bag cardboard box b 425 135 355 4t cardboard cardboard box a cardboard print label the quantity is printed on this bag. put this label on the cardboard box b. n i c h i a xxxx led type nxpxxxxxx lot xxxxxx- ! qty pcs nichia corporation 491 oka,kaminaka,anan,tokushima,japan caution to electrostatic damage ??? xxxx led type nxpxxxxxx lot xxxxxx- ! qty pcs n ichia nichia corporation 491 oka, kaminaka, anan, tokushima, japan nichia stse-cb2125b nichia corporation n o. packing 031029201133 title model nxpxxxxxx -14-


▲Up To Search▲   

 
Price & Availability of NSPB520S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X